Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2777 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics AN2777 Datasheet HTML 11Page - STMicroelectronics AN2777 Datasheet HTML 12Page - STMicroelectronics AN2777 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Conclusion
AN2777
12/13
Doc ID 14748 Rev 1
4
Conclusion
An innovative high-temperature TRIAC family has been presented. The turn-off capability of
this family of devices is four times higher than previous Snubberless devices. The
performances of a 12 A device have been presented. The turn-off performances have been
specially improved and are far higher than other devices available today.
Such technology can be used to optimize vacuum cleaner design. It has been shown that
such a 12 A device can be used in 2000 W, 230 V vacuum cleaners, whereas 16 A or 25 A
devices were commonly used in the past. This allows the power board price to be reduced.
As these devices are working up to a 150 °C junction temperature, the heatsink size can
also be reduced, leading to another cost reduction.
And above all, the performances of these devices also allow the end-product quality to be
increased. Indeed, time before bad operation can be increased by 50% during jammed
nozzle operation.
5
References
1.
“TRIAC turn-off behavior, logic level and Snubberless technologies”, Application Note
AN489, STMicroelectronics.
2.
“RC snubber circuit design”, Application Note AN437, STMicroelectronics.
3.
“SCRs, TRIACs and AC switches: thermal management precautions for handling and
mounting”, Application Note AN533, STMicroelectronics.
4.
“T1235H, T1250H, High Temperature 12 A TRIACs”, datasheet, STMicroelectronics.
6
Revision history
Table 2.
Document revision history
Date
Revision
Changes
24-Apr-2009
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com