Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2797 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 4Page - STMicroelectronics AN2797 Datasheet HTML 5Page - STMicroelectronics AN2797 Datasheet HTML 6Page - STMicroelectronics AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics AN2797 Datasheet HTML 10Page - STMicroelectronics AN2797 Datasheet HTML 11Page - STMicroelectronics AN2797 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DDR memory interface
AN2797
8/23
Doc ID 14841 Rev 1
Data lanes:
DL0: Data Lane 0 includes DQ0-DQ7, LDQS-LDQSn, LDM.
Route these signals on the same layer(s), with similarly located layer transitions if they
exist.
Length/timing skew: This set of signals traces must have their lengths matched to
within 2.5 mm or 100 mils (approximately 15 ps).
DL1: Data Lane 1 includes DQ8-DQ15, UDQS-UDQSn, UDM.
Route these signals on the same layer(s), with similarly located layer transitions if they
exist.
Length/timing skew: This set of signals traces must have their lengths matched to
within 1.5 mm or 60 mils (approximately 10 ps).
Note:
Trace lengths for different clock domains are not required to be matched. Trace lengths for
DB0 do not need to match the trace lengths for DB1. Trace lengths for address/command
signals do not need to match trace lengths for DB0 or DB1. Use minimum trace lengths
within each clock domain.
CLK/CLK# and DQS/DQS#
CLK/CLK# and DQS/DQS# signals should be routed as differential pairs, length matched.
GATE_OPEN(0,1)
GATE_OPEN(0,1) must be left unconnected. Do not connect any trace, via, or test point to
balls Y13 and Y17.
2.3
Trace length matching
The SPEAr600 package substrate does not have equal-length DDR signal traces. To insure
timing alignment for all signals, both the substrate trace length plus the PCB trace length for
each signal must be equalized to meet the trace length skew tolerance for all signals within
the clock domain. A procedure for accomplishing this is provided below, along with a
worksheet to facilitate this process during DRAM interface layout. The procedure may
require an iteration if the initial longest trace must be lengthened to accommodate
serpentine routing of other signals.
To determine trace length matching requirements for each signal, follow these steps,
utilizing the worksheet provided. Ltol (maximum length difference within a clock domain) is
2.5 mm, or 100 mils.
1.
Route signals per above guidelines, using the shortest possible length on all signals at
this step (length equalizing is done later).
2.
Tabulate the lengths of all traces that were routed in step 1, by filling in worksheet in the
column labeled "INITIAL SHORTEST PCB TRACE LENGTH", and "PCB VIA
LENGTHS".
Note:
All signals within a clock domain should have an equal number of vias and equal via lengths,
if so, then step 2 can be omitted.
3.
For each clock domain, identify the trace with the maximum total length: max(trace
length + delta_length + via length). Label this trace Lmax, it is the reference length that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com