Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2797 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics AN2797 Datasheet HTML 10Page - STMicroelectronics AN2797 Datasheet HTML 11Page - STMicroelectronics AN2797 Datasheet HTML 12Page - STMicroelectronics AN2797 Datasheet HTML 13Page - STMicroelectronics AN2797 Datasheet HTML 14Page - STMicroelectronics AN2797 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN2797
DDR memory interface
Doc ID 14841 Rev 1
11/23
Trace length matching. Additionally, matching the length of the branch traces to each DRAM
is necessary. Mismatches in the branch length rapidly degrade signal integrity. The branch
lengths, and therefore the spacing between two memory devices, should be minimized.
Figure 2 (A, B, C) below and Table 2 describe the length matching guidelines for a dual
DRAM topology.
Note:
This is a guideline only, simulations should be performed using IBIS models on the actual
PCB layout to assess signal integrity and timing margin.
Figure 2.
Dual DRAM "T" routing topology
Figure 2 (A) shows the topology of the data signals, Figure 2 (B) shows the topology of the
address/command/control signals with optional shunt terminations, the Figure 2 (C) shows
the topology of the differential signal CLK and DQS. Table 2 lists guidelines for length
matching of the various segments.
2.5
Return path integrity
A continuous path for return current must exist for all DRAM signals. If not, signal delays,
significant crosstalk, and timing violations may likely result.
Table 2.
Trace length matching guidelines, dual DRAM configuration
Symbol
Description
Max
Units
tmm
L1 +L2, L1+L3 length matching for all signals
15
ps
Tmm2,3
|L2-L3| length matching tolerance of branches
30
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com