Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2797 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2797
Description  PCB layout guidelines for SPEAr600
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2797 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2797 Datasheet HTML 1Page - STMicroelectronics AN2797 Datasheet HTML 2Page - STMicroelectronics AN2797 Datasheet HTML 3Page - STMicroelectronics AN2797 Datasheet HTML 4Page - STMicroelectronics AN2797 Datasheet HTML 5Page - STMicroelectronics AN2797 Datasheet HTML 6Page - STMicroelectronics AN2797 Datasheet HTML 7Page - STMicroelectronics AN2797 Datasheet HTML 8Page - STMicroelectronics AN2797 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
December 2009
Doc ID 14841 Rev 1
1/23
AN2797
Application note
PCB layout guidelines for SPEAr600
Introduction
SPEAr600 is a 23 x 23 mm PBGA420 device with 1 mm ball pitch. It is a member of the
SPEAr® family of 32-bit embedded MPUs. The device features dual ARM926 cores running
at up to 333 MHz, an external DDR2 memory interface and a full set of powerful on-chip
peripherals.
This application note provides guidelines for successfully designing the PCB layout for
SPEAr600. It covers following main topics:
■ Power integrity
■ DDR memory interface
■ USB signals
■ GPIO/CLD signals
■ External clock
Placement guidelines for the decoupling capacitors are provided in Appendix A.
www.st.com


Similar Part No. - AN2797

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN279 SILABS-AN279 Datasheet
346Kb / 8P
ESTIMATING PERIOD JITTER FROM PHASE NOISE
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
output to output short-circuit
24-Sep-2012
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
This document describes a detailed analysis on the current regulated channels
17-Sep-2013
AN2792 STMICROELECTRONICS-AN2792 Datasheet
135Kb / 12P
STM8A easy programmer
03-Nov-2008
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
This application note provides design guidelines
13-Jan-2012
More results

Similar Description - AN2797

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
Layout and Grounding Guidelines for TLV320AIC2x
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
Layout Guidelines
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
SG1577A Layout Guidelines
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
STMicroelectronics
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
PCB layout guidelines for SPEAr3xx
03-May-2010
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
PCB guidelines for SPEAr1340
06-Apr-2012
logo
Silicon Laboratories
AN383 SILABS-AN383 Datasheet
1Mb / 69P
Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN400 SILABS-AN400 Datasheet
1Mb / 20P
Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN644 SILABS-AN644 Datasheet
1Mb / 15P
Si477X LAYOUT GUIDELINES
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
Leiterplatten-Layout PCB Layout
21.08.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com