| Electronic Components Datasheet Search |
|
AN3139 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3139 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 63 page ![]() Block-by-block compatibility analysis AN3139 52/63 Doc ID 16993 Rev 3 3.13.2 Data EEPROM memory The data EEPROM memory organization differs slightly in each sub-family. The data EEPROM is organized in pages: ● STM8L15x/STM8L16x sub-family: – In low density STM8L15x devices, the data EEPROM is organized in up to 4 pages of 64 bytes each. – In medium density STM8L15x devices, the data EEPROM is organized in up to 8 pages of 128 bytes each. – In medium+ density STM8L15x devices, the data EEPROM is organized in up to 4 pages of 256 bytes each. – In high density STM8L15x and high density STM8L16x devices, the data EEPROM is organized to 8 pages of 256 bytes each. ● STM8L10x sub-family – In low density STM8L10x devices, the data EEPROM is organized in up to 32 pages of 64 bytes. The start address of the data EEPROM is configured through the DATASIZE option byte in the STM8L10x sub-family. The start address of the data EEPROM is always 0x1000 in all the STM8L10x and STM8L15x/STM8L16x sub-families. Refer to the STM8L datasheets for more details. 3.13.3 Boot ROM memory The Boot ROM memory containing the bootloader code is present in the devices for the STM8L15x/STM8L16x sub-family. It is not present in the STM8L10x sub-family. The Boot ROM size is 2 Kbytes and its start address is always 0x6000. 3.13.4 RAM memory The RAM memory always starts from address 0. The first 256 bytes make up the zero page. Low power wait mode Not supported Supported Supported Supported Supported Low power run mode Not supported Supported Supported Supported Supported Table 19. Overview of the STM8L family Flash interface (continued) Flash features STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+ density STM8L15x High density STM8L15x/ STM8L16x |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |