Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3139 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 49Page - STMicroelectronics AN3139 Datasheet HTML 50Page - STMicroelectronics AN3139 Datasheet HTML 51Page - STMicroelectronics AN3139 Datasheet HTML 52Page - STMicroelectronics AN3139 Datasheet HTML 53Page - STMicroelectronics AN3139 Datasheet HTML 54Page - STMicroelectronics AN3139 Datasheet HTML 55Page - STMicroelectronics AN3139 Datasheet HTML 56Page - STMicroelectronics AN3139 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
53/63
3.13.5
Stack
The space for the stack is always located at the end of the RAM memory. So its position in
the address space varies depending on the RAM memory size. The stack pointer value is
initialized to the upper address at reset and it is decremented each time a byte is pushed
onto the stack. The stack size is 513 bytes in all STM8L devices.
3.14
Interrupt mapping
The interrupt vector mapping is compatible for STM8L10x and STM8L15x/STM8L16x sub-
families except:
●
The new added vectors to support the new peripherals in the STM8L15x/STM8L16x
devices
●
The TIM1, TIM5, SPI1, SPI2, DAC, SPI2, USART2, USART3 and AES interrupts which
are not supported in the STM8L10x sub-family.
●
The timer 4 trigger interrupt which is not supported in the STM8L10x sub-family.
●
The auto-wakeup interrupt in the STM8L10x sub-family that is replaced by the RTC
interrupt in the STM8L15x/STM8L16x sub-family.
The following table lists these differences between all sub-families.
Table 20.
STM8L interrupt vector differences
N
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High density
STM8L15x/ High density
STM8L16x
2
DMA1_CHANNEL0_1
DMA1_CHANNEL0_1
DMA1_CHANNEL0_1
3
DMA1_CHANNEL2_3
DMA1_CHANNEL2_3
DMA1_CHANNEL2_3
4
AWU interrupt
RTC
RTC
RTC
5
External interrupt port E?
PVD interrupt
EXTI port E/F PVD
EXTI port E/F PVD
6
External interrupt port G
External interrupt port G
7
External interrupt port H
External interrupt port H
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
16
LCD
LCD
17
System clock switch/?
CSS interrupt
System clock switch/CSS
interrupt/TIM1 break/DAC
System clock switch/CSS
interrupt/TIM1 break/DAC
18
ADC1
ADC1
ADC1
19
USART2 Tx interrupt
20
USART2 Rx interrupt
21
USART3 Tx interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com