Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3139 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 44Page - STMicroelectronics AN3139 Datasheet HTML 45Page - STMicroelectronics AN3139 Datasheet HTML 46Page - STMicroelectronics AN3139 Datasheet HTML 47Page - STMicroelectronics AN3139 Datasheet HTML 48Page - STMicroelectronics AN3139 Datasheet HTML 49Page - STMicroelectronics AN3139 Datasheet HTML 50Page - STMicroelectronics AN3139 Datasheet HTML 51Page - STMicroelectronics AN3139 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Block-by-block compatibility analysis
AN3139
48/63
Doc ID 16993 Rev 3
3.9.1
LSI clock frequency
In the whole STM8L family, the low-speed internal clock (LSI) is an ultralow internal power
source (a few µA), that can be permanently enabled to be used as the clock source for the
application during the Active-halt mode. It is not accurate (error of a few 10%), but it can be
periodically measured using the precise HSI clock to compensate for chip manufacturing
variations or for the drift due to temperature changes for instance.
3.9.2
HSI clock frequency
In the whole STM8L family, the HSI internal oscillator is factory calibrated in intervals of
+/-2% of the temperature range “5 to 25°C”. This value can be trimmed by the user within an
interval of +3/-4% of the range in eight steps using three trimming register bits. This enables
calibration in steps of about 1% of the range.
3.10
BEEP
In the STM8L15x/STM8L16x sub-family, the BEEP clock sources can be either the LSE or
LSI clocks. However this feature is not available in the STM8L10x sub-family and the BEEP
operates by default using the LSI clock source.
3.11
RTC
The RTC is available only in the STM8L15x/STM8L16x sub-family, with some additional
features in the low, medium+ and high density STM8L15x/STM8L16x devices. Please refer
to the AN3133 application note (“Using the STM8L15x/STM8L16x real time clock”).
Table 17.
Overview of the clocks in the STM8L family
Clocks &
Osc
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium density STM8L15x
Medium+/High density
STM8L15x/ High density
STM8L16x
LSE
32.768 kHz OSC
32.768 kHz OSC
32.768 kHz OSC
LSI
38 kHz RC
38 kHz RC
38 kHz RC
38KHz RC
HSE
1 - 16MHz OSC
1 - 16 MHz OSC
1 - 16 MHz OSC
HSI
16 MHz RC
16MHz RC
16 MHz RC
16 MHz RC
CCO
CLK
fmaster
fmaster/2
fmaster/4
fmaster/16
HSI/Prescaler
LSI/Prescaler
HSE/Prescaler
LES/Prescaler
HSI/Prescaler
LSI/Prescaler
HSE/Prescaler
LES/Prescaler
HSI/Prescaler
LSI/Prescaler
HSE/Prescaler
LES/Prescaler
RTC CLK
32.768 kHz OSC
38 kHz RC
1 - 16 MHz OSC
16 MHz RC
32.768 kHz OSC
38 kHz RC
1 - 16 MHz OSC
16 MHz RC
32.768 kHz OSC
38 kHz RC
1 - 16 MHz OSC
16 MHz RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com