Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3139 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 2Page - STMicroelectronics AN3139 Datasheet HTML 3Page - STMicroelectronics AN3139 Datasheet HTML 4Page - STMicroelectronics AN3139 Datasheet HTML 5Page - STMicroelectronics AN3139 Datasheet HTML 6Page - STMicroelectronics AN3139 Datasheet HTML 7Page - STMicroelectronics AN3139 Datasheet HTML 8Page - STMicroelectronics AN3139 Datasheet HTML 9Page - STMicroelectronics AN3139 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
STM8L family compatibility
AN3139
6/63
Doc ID 16993 Rev 3
1
STM8L family compatibility
1.1
Family concept
The STM8L family is one of a growing number of different STM8 microcontroller families.
All these STM8 microcontroller families are based on a common robust and low-cost 8-bit
high performance core with a rich set of enhanced peripherals. This ensures a high level of
compatibility within the STM8L ‘world’, especially in terms of software development,
compilers, debugging environment, programming tools and driver libraries.
The STM8L product family offers a wide choice of memory sizes and package types to fit
different application requirements as closely as possible. Consequently, when there are new
requirements on the application side, it can make sense to switch to another STM8L type
with different memory capacity or package size.
The STM8L family includes a product line divided into two main sub-families:
●
STM8L15x/STM8L16x sub-family of microcontrollers with different memory densities,
packages and peripherals.
–
The low density STM8L15x devices are the STM8L151C2/K2/G2/F2,
STM8L151C3/K3/G3/F3 microcontrollers with a 4-Kbyte or 8-Kbyte Flash memory
density.
–
The medium density STM8L15x devices are the STM8L151C4/K4/G4,
STM8L151C6/K6/G6, STM8L152C4/K4/G4 and STM8L152C6/K6/G6
microcontrollers with a 16-Kbyte or 32-Kbyte Flash memory density.
–
The medium+ density STM8L15x devices are the STM8L151R6 and
STM8L152R6 microcontrollers with a 32-Kbyte Flash memory density. They offer
a wider range of peripherals than the medium density devices.
–
The high density STM8L15x devices are the STM8L151x8 and STM8L152x8
microcontrollers with a Flash memory density equal to 64 Kbytes. They offer the
same peripheral set as medium+ density devices.
–
The high density STM8L162x devices are the STM8L162x8 microcontrollers
where the Flash memory density is equal to 64 Kbytes. They offer the same
peripheral set as high density STM8L152 devices plus the AES hardware
accelerator.
●
STM8L10x low density sub-family where the Flash memory density ranges between 4
and 8 Kbytes. The STM8L10x MCUs are ideal for cost-sensitive applications with low
code density.
Both sub-families provide a complete set of essential peripherals. STM8L10x devices target
applications requiring reduced cost, lower memory capacity, fewer GPIOs and less
advanced features.
The wide range of available pin-counts and package sizes is discussed in Chapter 3.1:
Package pinout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com