Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3139 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 6Page - STMicroelectronics AN3139 Datasheet HTML 7Page - STMicroelectronics AN3139 Datasheet HTML 8Page - STMicroelectronics AN3139 Datasheet HTML 9Page - STMicroelectronics AN3139 Datasheet HTML 10Page - STMicroelectronics AN3139 Datasheet HTML 11Page - STMicroelectronics AN3139 Datasheet HTML 12Page - STMicroelectronics AN3139 Datasheet HTML 13Page - STMicroelectronics AN3139 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
STM8L family compatibility
AN3139
10/63
Doc ID 16993 Rev 3
Note:
The RTC, ADC, DAC, DMA, WWDG, LCD, SPI2, USART2, USART3 and BootROM
peripherals are not available in STM8L10x devices.
SPI2, USART2 and USART3 are not available in low and medium density STM8L15x
devices.
The AES peripheral is available only in high density STM8L16x devices.
The AWU peripheral is not available in STM8L15x devices and is replaced by the RTC, so
this aspect can also be considered as an incompatibility.
The following functional blocks can be considered as compatible with only a few negligible
differences:
●
GPIO (I/O capabilities)
●
Interrupt management (interrupt vectors)
●
Power control (wakeup from low power mode)
●
I2C1 (true open drain)
●
SPI1
●
USART1
●
Internal memories (Flash, SRAM, EEPROM)
You can find more details about these blocks in Chapter 3: Block-by-block compatibility
analysis. You can also refer to Figure 1: STM8L family block diagram.
1.4
Blocks that are compatible with significant exceptions
A few peripherals have additional features or less important functionalities compared to the
same peripheral in another STM8L sub-family. For these particular peripherals you have to
adapt the software drivers and check all possible hardware dependencies.
The peripheral and functional blocks in the following list are compatible with significant
exceptions. The package pinout is high on the list as this aspect requires special attention:
●
Package pinout
●
CLK
●
COMP
●
ADC
●
DAC
●
LCD
●
RTC
You can find more details in Section 3: Block-by-block compatibility analysis. You can also
refer to Figure 1: STM8L family block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com