Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3371 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 9Page - STMicroelectronics AN3371 Datasheet HTML 10Page - STMicroelectronics AN3371 Datasheet HTML 11Page - STMicroelectronics AN3371 Datasheet HTML 12Page - STMicroelectronics AN3371 Datasheet HTML 13Page - STMicroelectronics AN3371 Datasheet HTML 14Page - STMicroelectronics AN3371 Datasheet HTML 15Page - STMicroelectronics AN3371 Datasheet HTML 16Page - STMicroelectronics AN3371 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AN3371
Overview of the STM32 advanced RTC
Doc ID 018624 Rev 5
13/45
The Alarm sub-second can be configured using the mask ss bits in the alarm sub-second
register. Table 6: Alarm sub-second mask combinations shows the configuration possibilities
for the mask register and provides an example with the following settings:
●
Select LSE as the RTC clock source (for example LSE = 32768 Hz).
●
Set the Asynchronous prescaler to 127.
●
Set the Synchronous prescaler to 255 (the Calendar clock is equal to 1Hz).
●
Set the alarm A sub-second to 255 (put 255 in the SS[14:0] field).
Note:
The overflow bits in the sub-second register bit (15,16 and 17) are never compared.
Table 6.
Alarm sub-second mask combinations
MASKSS
Alarm A sub-second behavior
Example result
0
There is no comparison on sub-second for alarm. The alarm is
activated when the second unit is incremented.
The alarm is activated every
1 second
1
Only the AlarmA_SS[0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
(1/128) s
2
Only the AlarmA_SS[1:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
(1/64) s
3
Only the AlarmA_SS[2:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
(1/32) s
4
Only the AlarmA_SS[3:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
(1/16) s
5
Only the AlarmA_SS[4:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
125 ms
6
Only the AlarmA_SS[5:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
250 ms
7
Only the AlarmA_SS[6:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every
500 ms
8
Only the AlarmA_SS[7:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
9
Only the AlarmA_SS[8:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
10
Only the AlarmA_SS[9:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
11
Only the AlarmA_SS[10:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
12
Only the AlarmA_SS[11:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
13
Only the AlarmA_SS[12:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
14
Only the AlarmA_SS[13:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s
15
Only the AlarmA_SS[14:0] bit is compared to the RTC sub-second
register RTC_SSR
The alarm is activated every 1 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com