Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3371 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 19Page - STMicroelectronics AN3371 Datasheet HTML 20Page - STMicroelectronics AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics AN3371 Datasheet HTML 23Page - STMicroelectronics AN3371 Datasheet HTML 24Page - STMicroelectronics AN3371 Datasheet HTML 25Page - STMicroelectronics AN3371 Datasheet HTML 26Page - STMicroelectronics AN3371 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AN3371
Overview of the STM32 advanced RTC
Doc ID 018624 Rev 5
23/45
Figure 15. Tamper with edge detection
Note:
With tamper events, sampling and precharge features are deactivated.
1.8.2
Level detection on tamper input
Setting the tamper filter “TAMPFLT” to a value other than zero means that the tamper input
triggers when a selected level (high or low) is observed on the corresponding TAMPLEVEL
bit.
A tamper detection event is generated when either 2, 4 or 8 (depending on TAMPFLT value)
consecutive samples are observed at the selected level.
MS30113V1
RTC_TAMP1
RTC_TAMPx
STM32
Edge detection
Tamper 1
switch
Tamper x
switch
Table 12.
Tamper features (edge detection)
What to do
How to do it
Comments
Enable Tamper
Set the TAMP1E bit of
RTC_TAFCR register to 1
Select Tamper1 active edge
detection
Select with TAMP1TRG bit
in RTC_TAFCR register
The default edge is rising edge.
Map Tamper1 pin alternate
function
Select with TAMP1INSEL
bit in RTC_TAFCR register
For F2/4 series devices, the Tamper1
pin can be either PI8 or PC13.
Detect a Tamper1event by
interrupt
Set the TAMPIE bit in the
RTC_TAFCR register
An interrupt is generated when a
tamper detection event occurs.
Detect a Tamper1 event by
polling
Poll on the time-stamp flag
(TAMP1F) in the RTC_ISR
register
To clear the flag, write zero on the
TAMP1F bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com