Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3371 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 18Page - STMicroelectronics AN3371 Datasheet HTML 19Page - STMicroelectronics AN3371 Datasheet HTML 20Page - STMicroelectronics AN3371 Datasheet HTML 21Page - STMicroelectronics AN3371 Datasheet HTML 22Page - STMicroelectronics AN3371 Datasheet HTML 23Page - STMicroelectronics AN3371 Datasheet HTML 24Page - STMicroelectronics AN3371 Datasheet HTML 25Page - STMicroelectronics AN3371 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Overview of the STM32 advanced RTC
AN3371
22/45
Doc ID 018624 Rev 5
1.8
RTC tamper detection function
The RTC includes n tamper detection inputs. The tamper input active level/edge can be
configured and each one has an individual flag (TAMPxF bit in RTC_ISR register).
A tamper detection event generates an interruption when the TAMPIE bit in RTC_TAFCR
register is set.
The configuration of the tamper filter, “TAMPFLT bits”, defines whether the tamper detection
is activated on edge (set TAMPFLT to “00“), or on level (TAMPFLT must be different from
“00“).
Note:
The number of tamper “n” depends on products. Each input has a “TAMPxF” individual flag
in the RTC_TAMP register.
1.8.1
Edge detection on tamper input
When the TAMPFLT bits are set to zero, the tamper input detection triggers when either a
rising edge or a falling edge is observed on the corresponding TAMPLEVEL bit.
Detect a Time-stamp
overflow event(3)
By polling on the time-
stamp over flow flag
(TSOVF(4)) in the RTC_ISR
register.
– To clear the flag, write zero on the
TSOVF bit.
– Time-stamp registers (RTC_TSTR
and RTC_TSDR,
RTC_TSSSR(1))
maintain the results of the previous
event.
– If a time-stamp event occurs
immediately after the TSF bit is
supposed to be cleared, then both
TSF and TSOVF bits are set.
1. TSF is set 2 ck_apre cycles after the time-stamp event occurs due to the synchronization
process.
2. To avoid masking a time-stamp event occurring at the same moment, the application must not
write ‘0’ into TSF bit unless it has already read it to‘1’.
3. A time-stamp overflow event is not connected to an interrupt.
4. There is no delay in the setting of TSOVF. This means that if two time-stamp events are close
together, TSOVF can be seen as '1' while TSF is still '0'. As a consequence, it is recommended
to poll TSOVF only after TSF has been set.
Table 11.
Time-stamp features (continued)
What to do
How to do it
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com