Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3371 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 25Page - STMicroelectronics AN3371 Datasheet HTML 26Page - STMicroelectronics AN3371 Datasheet HTML 27Page - STMicroelectronics AN3371 Datasheet HTML 28Page - STMicroelectronics AN3371 Datasheet HTML 29Page - STMicroelectronics AN3371 Datasheet HTML 30Page - STMicroelectronics AN3371 Datasheet HTML 31Page - STMicroelectronics AN3371 Datasheet HTML 32Page - STMicroelectronics AN3371 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AN3371
Overview of the STM32 advanced RTC
Doc ID 018624 Rev 5
29/45
Figure 20. Periodic wakeup routed to RTC_ALARM pinout
1.12
RTC security aspects
1.12.1
RTC register write protection
To protect RTC registers against possible parasitic write accesses after reset, the RTC
registers are automatically locked. They must be unlocked to update the current calendar
time and date.
Writing to the RTC registers is enabled by programming a key in the Write protection
register (RTC_WPR).
The following steps are required to unlock the write protection of the RTC register:
1.
Write
0xCA into the RTC_WPR register.
2.
Write
0x53 into the RTC_WPR register.
Writing an incorrect key automatically reactivates the RTC register write access protection.
1.12.2
Enter/exit initialization mode
The RTC can operate in two modes:
●
Initialization mode, where the counters are stopped.
●
Free-running mode, where the counters are running.
The calendar cannot be updated while the counters are running. The RTC must
consequently be switched to the Initialization mode before updating the time and date.
When operating in this mode, the counters are stopped. They start counting from the new
value when the RTC enters the Free-running mode.
The INIT bit of the RTC_ISR register enables you to switch from one mode to another, and
the INITF bit can be used to check the RTC current mode.
The RTC must be in Initialization mode to program the time and date registers (RTC_TR
and RTC_DR) and the prescalers register (RTC_PRER). This is done by setting the INIT bit
and waiting until the RTC_ISR_INITF flag is set.
To return to the Free-running mode and restart counting, the RTC must exit the Initialization
mode. This is done by resetting the INIT bit.
Only a power-on reset can reset the calendar. A system reset does not affect it but resets
the shadow registers that are read by the application. They are updated again when the
RSF bit is set. After a system reset, the application can check the INITS status flag in the
RTC_ISR register to verify if the calendar is already initialized. This flag is reset when the
MS19536V1
RTC_ALARM
output
OSEL[1:0]=11
Wakeup unit
16-bit autoreload
timer
Periodic
wakeup flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com