Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0501 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 2Page - STMicroelectronics UM0501 Datasheet HTML 3Page - STMicroelectronics UM0501 Datasheet HTML 4Page - STMicroelectronics UM0501 Datasheet HTML 5Page - STMicroelectronics UM0501 Datasheet HTML 6Page - STMicroelectronics UM0501 Datasheet HTML 7Page - STMicroelectronics UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Demonstration applications
UM0501
10/23
Doc ID 14320 Rev 3
2.3
Help mode
Pressing SEL from the main menu enters the Help mode. The following messages are
displayed sequentially on the LCD screen with a few second delay.
Figure 5.
Help mode submenus
To exit this demo, press the joystick UP.
2.4
ADC demo 1
This mode demonstrates the ADC operation that are performed using the RV1
potentiometer on the evaluation board.
The converted value is displayed in different ways (see Figure 6).
●
On the LCD first line: in percentage of the ADC range, in hexadecimal and decimal
format
●
On the LCD second line: in a bar graph from 0% to 100% of the ADC range.
●
On the 4 LEDs: each LED represents approximately 25% of the ADC range.
If KEY is pressed, the converted value is output also on USART1 and/or USART2 interfaces
and/or a sound is played on the buzzer using the timer PWM.
Figure 6.
ADC demo 1 message
LEFT or RIGHT
to scroll menu
Press SEL to
enter sub-menu
Move UP to
exit sub-menu
065% 29Eh 0670d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com