Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0501 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 7Page - STMicroelectronics UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics UM0501 Datasheet HTML 13Page - STMicroelectronics UM0501 Datasheet HTML 14Page - STMicroelectronics UM0501 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UM0501
Demonstration applications
Doc ID 14320 Rev 3
15/23
2.10
BEEPER demo
This mode demonstrates the 3 different frequencies that can be output on the BEEP pin.
Prior to running the BEEPER demo, perform the following operations.
●
Install the JP14 jumper in the top position (closer to the STM8S chip).
●
Enable the beep output functionality by setting bit AFR7 of OPT2 option byte to ‘1’
(refer to the datasheets for details).
When this mode is entered, the LSI clock is calibrated.
The message shown in Figure 14 is displayed at the end of calibration.
Figure 14.
End of calibration message
After a short time, another message shows the current output frequency.
Press the KEY button repeatedly to change the frequency in this order.
1kHz
2kHz
4kHz
1-2-4 kHz
OFF
1 kHz etc...
The frequency selected is displayed on the LCD screen (see Figure 15)
The LEDs also change depending on the selected frequency.
Figure 15.
Selecting the beep frequency
UP: Press the joystick UP to exit the demo.
KEY: Press the KEY button to change the beeper frequency.
Calibration
OK
BEEPER 1kHz
Press KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com