Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0501 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 4Page - STMicroelectronics UM0501 Datasheet HTML 5Page - STMicroelectronics UM0501 Datasheet HTML 6Page - STMicroelectronics UM0501 Datasheet HTML 7Page - STMicroelectronics UM0501 Datasheet HTML 8Page - STMicroelectronics UM0501 Datasheet HTML 9Page - STMicroelectronics UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Demonstration applications
UM0501
12/23
Doc ID 14320 Rev 3
2.7
TIMER demo
This mode demonstrates the Timer peripheral operation.
1.
To run the TIMER demo, enter the timer start value (from 1 to 18 minutes) using the
RV1 potentiometer (see Figure 8).
Figure 8.
Entering the timer start value
2.
Once the requested value is set, press SEL on the joystick to start the timer. The
remaining time is displayed on the LCD screen (see Figure 9).
Figure 9.
Remaining time message
3.
When the value reaches 00:10, a sound is heard for each second elapsed.
When the value reaches 00:00 the four LEDs flash and the message shown in
Figure 10 is displayed.
Figure 10.
TIMER demo termination message
UP: Press the joystick UP to exit this demo.
KEY: Press KEY repeatedly to divide counter pulse duration by 2 (1 second, 0.5 second,
0.25 second, ... 31.25 ms, 1 second,...).
TIMER DEMO
03:00
Remaining...
01:45
Terminated!!!
00:00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com