Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0501 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0501
Description  This document describes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0501 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0501 Datasheet HTML 10Page - STMicroelectronics UM0501 Datasheet HTML 11Page - STMicroelectronics UM0501 Datasheet HTML 12Page - STMicroelectronics UM0501 Datasheet HTML 13Page - STMicroelectronics UM0501 Datasheet HTML 14Page - STMicroelectronics UM0501 Datasheet HTML 15Page - STMicroelectronics UM0501 Datasheet HTML 16Page - STMicroelectronics UM0501 Datasheet HTML 17Page - STMicroelectronics UM0501 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Demonstration applications
UM0501
18/23
Doc ID 14320 Rev 3
2.13
SYSTEM demo
This menu is used to display system information.
The message displayed on the LCD screen shows the clock source which is used (HSI, LSI
or LSE) (see Figure 23).
Figure 23.
Displaying the clock source
Pressing SEL on the joystick displays the clock frequency (see Figure 24).
Figure 24.
Displaying the clock frequency
Press SEL again to go back to the first screen.
During any of the above two messages, you can press KEY repeatedly to divide the HSI
clock frequency by a divider factor (1, 2, 4, 8, 1,....). The new clock frequency is then
displayed.
You can monitor the master clock frequency with an oscilloscope connected to the MCO pin.
Note:
If you select an HSI divider greater than 1, you slow down the whole application. As a result,
you will need to press the buttons for longer in order to navigate the menus.
UP: Press the joystick UP to exit this menu.
2.14
About menu
This menu shows the firmware version. When this submenu is selected the message shown
in Figure 25 is displayed on the LCD screen.
Figure 25.
Displaying the demonstration firmware version
UP: Press the joystick UP to exit this menu.
CLOCK SOURCE
HSI
CLOCK FREQ
16 MHz
STM8/128-EVAL
Version x.y.z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com