Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0970 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics UM0970 Datasheet HTML 12Page - STMicroelectronics UM0970 Datasheet HTML 13Page - STMicroelectronics UM0970 Datasheet HTML 14Page - STMicroelectronics UM0970 Datasheet HTML 15Page - STMicroelectronics UM0970 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Hardware and layout
UM0970
12/30
Doc ID 17693 Rev 2
3.2.1
Using the ST-Link to program/debug the STM8L on board
To program the STM8L on board, simply plug in the two jumpers on CN3, as shown in
Figure 8 in red, but do not use the CN2 connector as that could disturb communication with
the STM8L152C6T6 of the STM8L-DISCOVERY.
Figure 8.
STM8L-DISCOVERY connections image
3.2.2
Using the ST-Link to program/debug an external STM8L application
It is very easy to use the ST-Link to program the STM8L on an external application. Simply
remove the 2 jumpers from CN3 as shown in Figure 9, and connect your application to the
CN2 debug connector according to Table 3.
Jumpers on CN3
Table 3.
Debug connector CN2 (SWIM)
Pin
CN2
Designation
1
VDD_TARGET
VDD from application
2
SWIM
SWIM data input/output
3
GND
Ground
4
SWIM_RST
SWIM reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com