Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0970 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 13Page - STMicroelectronics UM0970 Datasheet HTML 14Page - STMicroelectronics UM0970 Datasheet HTML 15Page - STMicroelectronics UM0970 Datasheet HTML 16Page - STMicroelectronics UM0970 Datasheet HTML 17Page - STMicroelectronics UM0970 Datasheet HTML 18Page - STMicroelectronics UM0970 Datasheet HTML 19Page - STMicroelectronics UM0970 Datasheet HTML 20Page - STMicroelectronics UM0970 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
UM0970
Hardware and layout
Doc ID 17693 Rev 2
17/30
3.8
LCD (24 segments, 4 commons)
This LCD allows the STM8L152C6T6 to display any information on six 14-segment digits
and 4 BARs, using all COMs. (See the LCD segment mapping in Figure 12 and pin
connections in Table 5.)
Note:
This LCD also supports six 8-segment digits by only using COM0 and COM1.
This configuration allows COM2 and COM3 to be used as I/O ports. In this case the 2 LCD
pins must not be plugged into the LCD socket. To proceed with this configuration, remove
the LCD carefully, slightly open the COM2 and COM3 pins (pin 13 and pin 14) of the LCD,
then replug it in the socket.
Characteristics overview:
●
24 segments and 4 commons
●
Drive method: multiplexed 1/4 duty, 1/3 bias
●
Operating voltage: 3 V
●
Operating temperature: 0 to 50°C
●
Connector: 28-pin DIL 2.54 mm pitch
Note:
When the LCD is plugged, all I/O ports listed in Table 5 are unavailable. To use one of these
as I/O, you must remove the LCD.
Figure 12.
LCD segment mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com