Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0970 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 20Page - STMicroelectronics UM0970 Datasheet HTML 21Page - STMicroelectronics UM0970 Datasheet HTML 22Page - STMicroelectronics UM0970 Datasheet HTML 23Page - STMicroelectronics UM0970 Datasheet HTML 24Page - STMicroelectronics UM0970 Datasheet HTML 25Page - STMicroelectronics UM0970 Datasheet HTML 26Page - STMicroelectronics UM0970 Datasheet HTML 27Page - STMicroelectronics UM0970 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
6
Electrical schematics
Figure 14.
STM8L-DISCOVERY
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.2(PCB.SCH)
Date:
7/15/2010
MB913
1
5
STM8L-DISCOVERY
PC3_LCDSEG23
PC2_LCDSEG22
PD7_LCDSEG21
PD6_LCDSEG20
PD5_LCDSEG19
PD4_LCDSEG18
PB7_LCDSEG17
PB6_LCDSEG16
PB5_LCDSEG15
PB4_LCDSEG14
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
PB0_LCDSEG10
PD3_LCDSEG9
PD2_LCDSEG8
PD0_LCDSEG7
PE5_LCDSEG6
PE4_LCDSEG5
PE3_LCDSEG4
PE2_LCDSEG3
PE1_LCDSEG2
PE0_LCDSEG1
PA7_LCDSEG0
PA6_LCDCOM2
PA5_LCDCOM1
PA4_LCDCOM0
PD1_LCDCOM3
PD[0..7]
PE[0..7]
PF0
RESET#
ST_LINK_SWIM
PC[0..7]
PB[0..7]
PA[0..7]
IDD_CNT_EN
IDD_Measurement
IDD_WAKEUP
U_MCU
MCU.SchDoc
RESET#
ST_LINK_SWIM
EXT_5V
EXT_3V3
U_ST_LINK
ST_LINK.SCHDOC
PA4
PA5
PA6
PA7
PA0
PA3
PA2
RESET#
EXT_5V
EXT_3V3
IDD_Measurement
IDD_CNT_EN
ST_LINK_SWIM
PB[0..7]
PC[0..7]
PD[0..7]
IDD_WAKEUP
PF0
PE[0..7]
PA[0..7]
PC3_LCDSEG23
PC2_LCDSEG22
PD7_LCDSEG21
PD6_LCDSEG20
PD5_LCDSEG19
PD4_LCDSEG18
PB7_LCDSEG17
PB6_LCDSEG16
PB5_LCDSEG15
PB4_LCDSEG14
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
PB0_LCDSEG10
PD2_LCDSEG8
PD3_LCDSEG9
PD0_LCDSEG7
PA7_LCDSEG0
PE0_LCDSEG1
PE1_LCDSEG2
PE2_LCDSEG3
PE3_LCDSEG4
PE4_LCDSEG5
PE5_LCDSEG6
PA4_LCDCOM0
PA5_LCDCOM1
PA6_LCDCOM2
PD1_LCDCOM3
U_Power
GH08172_buttons.SchDoc
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
U_Power
IDD_measurement.SchDoc
1
2
3
4
5
6
7
8
9
10
P3
Header 10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
P1
Header 19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
P2
Header 19
RESET#
ST_LINK_SWIM
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
EXT_5V
EXT_3V3
PA1
PE0
PE1
PE2
PE3
PE4
PE5
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PF0
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PE6
PE7
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com