Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0970 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 22Page - STMicroelectronics UM0970 Datasheet HTML 23Page - STMicroelectronics UM0970 Datasheet HTML 24Page - STMicroelectronics UM0970 Datasheet HTML 25Page - STMicroelectronics UM0970 Datasheet HTML 26Page - STMicroelectronics UM0970 Datasheet HTML 27Page - STMicroelectronics UM0970 Datasheet HTML 28Page - STMicroelectronics UM0970 Datasheet HTML 29Page - STMicroelectronics UM0970 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Figure 17.
STM8L MCU
SWIM
LED
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.2(PCB.SCH)
Date:
7/15/2010
MB915
4
5
STM8L-DISCOVERY MCU
LD3
green
R28
330
LD4
blue
R29
660
PA4_LCDCOM0
B1
RESET (Black)
C24
100nF
RESET#
C19
20pF
C20
20pF
X2
16MHz
R24
60
4
1
3
2
X3
MC306-G-06Q-32.768 (manufacturer JFVNY)
C21
6.8pF
C23
6.8pF
VDD_MCU
VDDA
VDD_MCU
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PE0
PE1
PE2
PE3
PE4
PE5
PD0
PD1
PD2
PD3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PF0
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PE6
PE7
C16
100nF
VDD_MCU
C17
100nF
L1
BEAD
C14
1uF
C15
100nF
VDDA
PA5_LCDCOM1
PA6_LCDCOM2
PA7_LCDSEG0
PE0_LCDSEG1
PE1_LCDSEG2
PE2_LCDSEG3
PE3_LCDSEG4
PE4_LCDSEG5
PE5_LCDSEG6
PD0_LCDSEG7
PD1_LCDCOM3
PD2_LCDSEG8
PD3_LCDSEG9
PB0_LCDSEG10
PB3_LCDSEG13
PB2_LCDSEG12
PB1_LCDSEG11
PB6_LCDSEG16
PB5_LCDSEG15
PB4_LCDSEG14
PC3_LCDSEG23
PC2_LCDSEG22
PD7_LCDSEG21
PD6_LCDSEG20
PB7_LCDSEG17
PD5_LCDSEG19
PD4_LCDSEG18
PA[0..7]
PA[0..7]
PE[0..7]
PE[0..7]
PD[0..7]
PD[0..7]
PB[0..7]
PB[0..7]
PF0
PF0
PC[0..7]
PC[0..7]
C22
1uF
C18
1uF
PA0
1
PA1
2
PA2
3
PA3
4
PA4
5
PA5
6
PA6
7
PA7
8
AVSS
9
VDD
10
VDDA
11
VREF+
12
VLCD
13
PE0
14
PE1
15
PE2
16
PE3
17
PE4
18
PE5
19
PD0
20
PD1
21
PD2
22
PD3
23
PB0
24
PB1
25
PB2
26
PB3
27
PB4
28
PB5
29
PB6
30
PB7
31
PF0
32
PD4
33
PD5
34
PD6
35
PD7
36
PC0
37
PC1
38
VDDIO
39
VSSIO
40
PC2
41
PC3
42
PC4
43
PC5
44
PC6
45
PC7
46
PE6
47
PE7
48
U8
STM8L152C6T6
RESET#
ST_LINK_SWIM
IDD_Measurement
PE7
PC7
IDD_WAKEUP
IDD_CNT_EN
R25
0
VDD_MCU
User Button
B2
USER (Blue)
C25
100nF
SB2
SB1
SB16
SB17
Not Fitted
Must be close to the Crystal and ON
SB13
SB15
R27
0
Must be close to the Crystal and ON
RESET
R30
4K7
+3V3
User_PB
Not Fitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com