Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0970 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 16Page - STMicroelectronics UM0970 Datasheet HTML 17Page - STMicroelectronics UM0970 Datasheet HTML 18Page - STMicroelectronics UM0970 Datasheet HTML 19Page - STMicroelectronics UM0970 Datasheet HTML 20Page - STMicroelectronics UM0970 Datasheet HTML 21Page - STMicroelectronics UM0970 Datasheet HTML 22Page - STMicroelectronics UM0970 Datasheet HTML 23Page - STMicroelectronics UM0970 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
UM0970
Extension connection
Doc ID 17693 Rev 2
20/30
16
19
PE5
I/O
Port E5
PE5/LCD_SEG6(2)/
ADC1_IN23/
COMP2_INP/
COMP1_INP
LCD_SEG6
17
20
PD0
I/O
Port D0
PD0/TIM3_CH2/
[ADC1_TRIG](3)/
LCD_SEG7(2)/
ADC1_IN2 2/
COMP2_INP/
COMP1_INP
LCD_SEG7
18
21
PD1
I/O
Port D1
PD1/TIM3_TRIG/
LCD_COM3(2)/
ADC1_IN21/
COMP2_INP/
COMP1_INP
LCD_COM3
19
9/40
GND
Ground
Table 7.
P2 pinout
Pin number
(P2)
Pin number
(STM8L)
Pin name
Main
function
Alternate function
LCD (U5)
1+5V
5 Volts board power
supplied or supply
external application when
USB connected
2
NC
3
9/40
GND
Ground
4
48
PE7
I/O
Port E7
PE7/LCD_SEG27(2)
5
47
PE6
I/O
Port E6
PE6/LCD_SEG26(2)/
PVD_IN
6
46
PC7
I/O
Port C7
PC7/LCD_SEG25(2)/
ADC1_IN3/
COMP2_INM/
COMP1_INP
7
45
PC6
I/O
Port C6
PC6/OSC32_OUT/
[SPI1_SCK](3)/
[USART1_RX](3)
8
44
PC5
I/O
Port C5
PC5/OSC32_IN /
[SPI1_NSS](3)/
[USART1_TX](3)
9
43
PC4
I/O
Port C4
PC4/[USART1_CK](3)/
I2C1_SMB/CCO/
LCD_SEG24(2)/
ADC1_IN4/COMP2_INM/
COMP1_INP
Table 6.
P1 pinout (continued)
Pin number
(P1)
Pin number
(STM8L)
Board pin
name
Main
function
Alternate function
LCD (U5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com