Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1037 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 4Page - STMicroelectronics UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Hardware layout and configuration
UM1037
8/46
Doc ID 18294 Rev 1
The LED LD8 is lit when the STM8L1528-EVAL evaluation board is powered by the 5 V
correctly, LED LD6 will be lit when MCU is powered by low voltage (VDD < 1.8 V).
Note:
The recommended AC220V to DC5V power adapter is the PSU-5V2A. It is not included with
the board but can be ordered from ST as a separate item. You can also use another
equivalent 5V power adapter (polarity compatible with CN12) to power STM8L1528-EVAL
board via the CN12 power jack on the board.
Table 2.
Power related jumpers
Jumper
Description
Jumper setting
JP13
(selects one of
the three possible
power supply
resources)
For power supply jack (CN12) to the STM8L1528-EVAL only,
JP13 is set as shown to the right.
For power supply from the daughter board connectors (CN4)
to STM8L1528-EVAL only, JP13 is set as shown to the right:
For power supply from ST-LINK/V2 connector (CN9) to
STM8L1528-EVAL only, JP13 is set as shown to the right:
(Default Setting)
For power supply from power supply jack (CN12) to both
STM8L1528-EVAL and daughter board connected on CN3 and
CN4, JP13 is set as shown to the right (daughter board must
not have its own power supply connected)
JP14
VDD is connected to fixed +3.3V DC power when JP14 is set
as shown (default setting).
VDD is connected to adjustable DC power from 1.65 V to 3.6 V
when JP13 is set as shown.
JP4
VDD power is directly connected to MCU VDD when JP4 is set
as shown (default setting).
Note: For manual IDD measurement the jumper on JP4 must
be removed and replaced by an ammeter connected between
pin 2 and 3 of JP4.
Connect VDD power to MCU with current-sampling resistor,
2 Ohm or 2 KOhm, in series for IDD current measurement
when JP4 is set as shown to the right.
3
2
1
3
2
1
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com