Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1037 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics UM1037 Datasheet HTML 17Page - STMicroelectronics UM1037 Datasheet HTML 18Page - STMicroelectronics UM1037 Datasheet HTML 19Page - STMicroelectronics UM1037 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Hardware layout and configuration
UM1037
16/46
Doc ID 18294 Rev 1
1.
Configure ADC to measure voltage on IDD_measurement pin (PF3).
2.
Configure LP_WAKEUP (PH5) as interrupt input on rising edge
3.
Configuring IDD_CNT_EN (PH4) as output low level to start counting
4.
Enter in Halt or active Halt mode
5.
LP_WAKEUP rising edge wakeup the MCU after around 300ms
6.
start ADC conversion as soon as possible after wakeup in order to measure the voltage
corresponding to halt mode memorised on 1uF capacitor (C5)
7.
Reset the counter by programming IDD_CNT_EN High in less than 150 ms after the
wakeup to avoid 2 Kohm being connected later on VDD_MCU
In low power mode, the 2K resistor is connected when T4 goes off after entering in Halt
mode. Q12 output of the counter (U10) allows connection of the 2K resistor when the
current IDD becomes very low. The measurement timing is given below:
Figure 7.
STM8L1528-EVAL IDD low power mode measurement timing diagram
The low power mode measurement procedure can be used in Halt mode and slow or fast
active Halt modes if the IDD current doesn't exceed 30uA when VDD = 3.3 V or 15 µA when
VDD = 1.8 V else the Run measurement procedure need to be used up to 30 mA.
In low power mode the bias current of the operational amplifier input (U5 pin 4) is not
negligible compared to IDD current (Typical I bias is ~200 nA). To improve the IDD
measurement accuracy it is mandatory to subtract the I bias current to IDD measure since
this current isn't sink by the MCU. It is possible to measure I bias and to subtract this value
to MCU current. The procedure for precision IDD measurement is:
1.
Place a jumper on JP4 pins 2 and 3
2.
Follow the Halt mode procedure to measure I1 = I bias
3.
Remove jumper JP4 pins 2 and 3 and place it on JP4 pins 1 and 2
4.
Follow the Halt mode procedure to measure I2 = IDD + I bias
5.
Calculate actual IDD: IDD = I2 - I1
2.16
IR LED & IR receiver
One IR LED LD7 is driven by either PA0 through two transistors T1 and T2 or PA0 directly
depending on setting of solder bridge SB7. One IR receiver is connected to PB2 which
shared by motor control connector through jumper JP15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com