Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1037 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics UM1037 Datasheet HTML 17Page - STMicroelectronics UM1037 Datasheet HTML 18Page - STMicroelectronics UM1037 Datasheet HTML 19Page - STMicroelectronics UM1037 Datasheet HTML 20Page - STMicroelectronics UM1037 Datasheet HTML 21Page - STMicroelectronics UM1037 Datasheet HTML 22Page - STMicroelectronics UM1037 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
UM1037
Connectors
Doc ID 18294 Rev 1
19/46
3.2
BNC connector CN2
Figure 9.
Analog input connector CN2 (viewed from bottom)
3.3
Daughter board extension connector CN3 and CN4
Two 44-pin male headers CN3 and CN4 can be used to connect the daughter board or a
standard wrapping board to STM8L1528-EVAL evaluation board. All GPIOs are available on
the connectors. The space between these two connectors and the position of power, GND
and RESET pins are defined as a standard which allows to develop common daughter
boards for several evaluation boards. The standard width between CN3 pin1 and CN4 pin1
is 2700mils (68.58mm). This standard has been implemented on most of the ST evaluation
boards.
Each pin on CN3 and CN4 can be used by a daughter board after disconnecting it from the
corresponding function block on STM8L1528-EVAL evaluation board. Please refer to
Table 15 and Table 16 for details.
Table 14.
Analog input connector CN2
Pin number
Description
Pin number
Description
1GND
4
GND
2
GND
5
Analog input PF0
3GND
Table 15.
Daughter board extension connector CN3
Pin
Description
Alternative Function
How to disconnect
with function block on
STM8L1528-EVAL
board
1GND
-
-
3
PF1
Audio_DAC2
Set SB2 to 2<->3
5
PF3
IDD measurement
Remove R20
7
PF5
LCD glass
Put MB905 in "IO"
position
9
PF7
LCD glass
Put MB905 in "IO"
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com