Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1037 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
11/46
Figure 5.
LCD glass module in LCD position
2.6
Audio
STM8L1528-EVAL evaluation board supports the following audio jacks
●
A speaker and stereo audio jack which is connected to the DAC outputs of
STM8L152M8T6 through an audio amplifier
●
An audio IN jack which is connected to ADC input of STM8L152M8T6 through a
microphone amplifier.
The speaker can be enabled by setting of JP3 to close and the Microphone output can be
connect or disconnect to STM8L152M8T6 by setting of JP9 to close or open, refer to Table 5
for details.
The LCD glass module has to be mounted in "IO" position for Microphone and headphone
plug event detection. Refer to Section 2.5: LCD glass module on page 10 for details.
2.7
EEPROM
A 64 Kbit EEPROM connected to I2C bus of STM8L152M8T6.
Table 5.
Audio related jumpers
Jumper
Description
JP9
The microphone is enabled when JP9 is closed. JP9 must be kept open for
Motor control operation.
Default setting: Fitted
JP3
PF0 is connected to audio amplifier when JP3 is closed. For BNC
connector operation, JP3 must be kept open.
Default setting: Fitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com