Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1045 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 2Page - STMicroelectronics UM1045 Datasheet HTML 3Page - STMicroelectronics UM1045 Datasheet HTML 4Page - STMicroelectronics UM1045 Datasheet HTML 5Page - STMicroelectronics UM1045 Datasheet HTML 6Page - STMicroelectronics UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics UM1045 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Features
EVALSPEAr320HMI
6/36
Doc ID 18410 Rev 3
1
Features
●
1 x Ethernet RJ45 connector (ST802RT1A)
●
1x LCD interface for 5.7” 640x480 EDT screen (ET057010DHU)
●
1x Unified LCD interface (EDT displays with Unified interface)
●
1x Resistive touch screen interface (STMPE811)
●
2 x CAN DB9 plug connectors
●
3 x RS232 DB9 plug connectors (ST3232EBTR)
●
Onboard temperature sensor and potentiometer (STMPE811)
●
64 Kbit dual interface EEPROM: ISO 15693 and ISO 18000-3 mode 1 compliant
contactless interface + I2C (M24LR64)
●
4Gb NAND flash memory
●
PWM mono audio output
●
Analog extension connector featuring 8 ADC lines
●
General purpose extension connector with GPIOs and I2C functionality
●
Unified Power Line modem (PLM) connector
●
Raisonance Primer2 extension boards interface connector
●
DC/DC converter L7986A (+24V/+5V)
●
MicroSDcard socket
●
4 LEDs
●
2 general purpose buttons
●
System reset button
2
Block diagram and layout
Figure 1.
Expansion board block diagram
(sold separately)
SPEArTM320
CPU
board
5.7 inch TFT LCD
with TOUCH
640 x 480
FLASH
NAND 4 Gb
Buttons
Reset
ST802RT1A
RJ45
LEDs
DC/DC
+5V
Micro
SD card
GPIO/12C connector
Potentiometer
ADC connector
Temperature
DB9/M
DB9/M
DB9/M
RS232
RS232
RS232
CAN 1
CAN 2
DB9/M
DB9/M
Unified PLM interface
Primer2 ext. interface
Dual EPROM
Audio output
www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com