Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1045 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 6Page - STMicroelectronics UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics UM1045 Datasheet HTML 10Page - STMicroelectronics UM1045 Datasheet HTML 11Page - STMicroelectronics UM1045 Datasheet HTML 12Page - STMicroelectronics UM1045 Datasheet HTML 13Page - STMicroelectronics UM1045 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Block descriptions and configurations
EVALSPEAr320HMI
10/36
Doc ID 18410 Rev 3
4.2
Ethernet
The board has one Ethernet PHY (U300) connected through the media-independent
interfaces (MII) to the Ethernet MAC on the CPU board processor.
Ethernet PHY default MII addresses: 0x01
Two LEDs embedded in the RJ45 connector (CN300) indicate the line status:
●
The green LED is on whenever the Ethernet is linked.
●
The yellow LED blinks during TX or RX activity.
Table 1 lists the Ethernet Phy default configuration.
4.3
TFT LCD with touch
The expansion board has one 5.7” LCD screen that is attached to the internal SPEAr320
LCD controller.
TFT LCD display characteristics
●
Resolution: 640 x 480 pixels
●
Display colors: up to 16.7M
●
24-bit RGB parallel interface
The LCD module has white LED backlight and a resistive touch panel. The complete LCD
module, including backlight, is connected to the 3.3V power domain. LED backlight can be
manually powered on or off using JP600; if JP600 is left open, the backlight can be powered
by the microprocessor PWM signal (PWM0). See Table 2
Table 1.
Ethernet PHYU300 default configuration
Function
Default configuration
Auto negotiation
Enabled
10/100 Mbits
100 Mbits selected for auto negotiation advertisement
Half/Full duplex
Full duplex selected for auto negotiation advertisement
Internal Loopback
Disabled
Power down
Disabled (PHY is not in Power down)
MII/RMII mode
MII selected
Table 2.
LCD module backlight control
Jumper
Description
Configuration
JP600
LCD backlight: on; Intensity: 100%
LCD backlight: off; Intensity: 0%
LCD backlight can be controlled using MPU PWM channel 0
Intensity: according to the PWM duty cycle
Recommended signal operational frequency: 1.5 kHz
1 2 3
1 2 3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com