Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1045 Datasheet HTML 1Page - STMicroelectronics UM1045 Datasheet HTML 2Page - STMicroelectronics UM1045 Datasheet HTML 3Page - STMicroelectronics UM1045 Datasheet HTML 4Page - STMicroelectronics UM1045 Datasheet HTML 5Page - STMicroelectronics UM1045 Datasheet HTML 6Page - STMicroelectronics UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
April 2011
Doc ID 18410 Rev 3
1/36
UM1045
User manual
EVALSPEAr320HMI
SPEAr320 expansion board for HMI applications, revision 2
Introduction
This document applies to revision 2 EVALSPEAR320HMI expansion boards.
This board is intended to be used in conjunction with a SPEAr320 CPU board (sold
separately) to evaluate the SPEAr320 microprocessor with a variety of devices, especially in
its SMII automation networking mode.
Note:
The SPEAr320 CPU board order code is EVALSPEAR320CPU.
Expansion board
CPU board
www.st.com


Similar Part No. - UM1045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
More results

Similar Description - UM1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
STMicroelectronics
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
STM32F4DIS-EXT STMICROELECTRONICS-STM32F4DIS-EXT Datasheet
186Kb / 3P
STM32F4 Discovery kit expansion boards
15-Nov-2013
logo
Knowles Electronics
MD9752NSZ-1 KNOWLES-MD9752NSZ-1 Datasheet
1Mb / 2P
This specification applies to the electret condenser microphone outlined within this document.
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
logo
Shanghai Leiditech Elec...
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
AWCU00453226513TT2 LEIDITECH-AWCU00453226513TT2 Datasheet
665Kb / 6P
This specification applies to CUW FILTER
CUW43T-513T-AU LEIDITECH-CUW43T-513T-AU Datasheet
593Kb / 6P
This specification applies to CUW FILTER
LWCU00452522142Y00 LEIDITECH-LWCU00452522142Y00 Datasheet
980Kb / 8P
This specification applies to BWCU FILTER
LUW0904T-471-N LEIDITECH-LUW0904T-471-N Datasheet
317Kb / 4P
This specification applies to LUW FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com