Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1045 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 5Page - STMicroelectronics UM1045 Datasheet HTML 6Page - STMicroelectronics UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics UM1045 Datasheet HTML 10Page - STMicroelectronics UM1045 Datasheet HTML 11Page - STMicroelectronics UM1045 Datasheet HTML 12Page - STMicroelectronics UM1045 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
EVALSPEAr320HMI
Block descriptions and configurations
Doc ID 18410 Rev 3
9/36
4
Block descriptions and configurations
●
MicroSD card power up
●
Ethernet on page 10
●
TFT LCD with touch on page 10
–
Connecting an LCD on page 11
–
Connecting a touch screen on page 12
●
CAN on page 13
●
RS232 transceivers (U500 and U501) on page 14
●
Power supply on page 15
●
Dual interface EEPROM (U702) on page 15
●
NAND flash memory (U100) on page 15
●
Audio output on page 16
●
LEDs (LD700 through LD703) on page 16
●
Reset button (B700) on page 16
Note:
See also: Chapter 5: Connector pinouts on page 17
4.1
MicroSD card power up
The MicroSD card connector is on the EVALSPEAR320HMI SDIO interface.
To power-up the MicroSD card properly:
1.
Detect card insertion.
Card detection is managed by the standard SDIO signal SDCD.
2.
Enable the single channel power switch U801 by means of PL_GPIO42 (active low).
By default, U801 power output is disabled by the R808 pull-up resistor connected to the
power switch enable pin.
JP800 controls the MicroSD card access that manipulates the MicroSD interface Write
Protect signal. By default JP800 is closed, and the card is used in Write-Enabled mode.
See also: MicroSD card connector (CN800) on page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com