Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1045 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 4Page - STMicroelectronics UM1045 Datasheet HTML 5Page - STMicroelectronics UM1045 Datasheet HTML 6Page - STMicroelectronics UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics UM1045 Datasheet HTML 10Page - STMicroelectronics UM1045 Datasheet HTML 11Page - STMicroelectronics UM1045 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Getting started
EVALSPEAr320HMI
8/36
Doc ID 18410 Rev 3
3
Getting started
3.1
Unpacking
Warning:
This board contains static sensitive devices.
The EVALSPEAr320HMI evaluation board is shipped in protective anti-static packaging. Do
not submit the board to high electrostatic potentials, and follow good practices for working
with static sensitive devices.
●
Wear an anti-static wristband. Wearing a simple anti-static wristband can help
prevent ESD from damaging the board.
●
Zero potential. Always touch a grounded conducting material before handling the
board, and periodically while handling it.
●
Use an anti-static mat. When configuring the board, place it on and anti-static mat to
reduce the possibility of ESD damage.
●
Handle only the edges. Handle the board by its edges only, and avoid touching board
components.
3.2
Connecting
1.
Carefully plug the CPU board into the expansion board.
2.
On the EVALSPEAr320CPU board, set Switch 2 to parallel NAND 8 boot mode:
3.
Connect a serial cable from the expansion board (connector CN500: RS232_0/UART0)
to the host PC (see Figure 2: Expansion board layout).
4.
On the host PC running Windows or Linux, start the Terminal program.
5.
Connect a power supply to the SPEAr320 HMI evaluation board as described in
Section 4.6: Power supply on page 15.
6.
Apply power to the board. The Terminal program displays a sequence of boot
messages followed by the Linux console prompt.
For more information, refer to user manual UM0844, Getting started with Linux for SPEAr,
available at www.st.com/spear.
3.3
Booting
The SPEAr320 HMI evaluation board can boot a Linux kernel pre-installed in the parallel
NAND Flash. At power on, the serial port outputs a brief header message with some uBoot
information (uBoot version, SDK version, and some internal hardware information). At this
point you can choose to:
●
Stop the system directly in uBoot: Before the boot delay time expires (default is
3 seconds), press the spacebar on the host computer’s keyboard.
●
Boot Linux: The system boot is finished when the login prompt appears in the console.
The default login user name for super user is root; no password is required.
Positions 1, 4, 6, and 7: Off
Positions 2, 3, 5, and 8: On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com