Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4088 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 4Page - STMicroelectronics AN4088 Datasheet HTML 5Page - STMicroelectronics AN4088 Datasheet HTML 6Page - STMicroelectronics AN4088 Datasheet HTML 7Page - STMicroelectronics AN4088 Datasheet HTML 8Page - STMicroelectronics AN4088 Datasheet HTML 9Page - STMicroelectronics AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics AN4088 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Boot mode compatibility
AN4088
8/71
DocID023072 Rev 3
2
Boot mode compatibility
The way to select the boot mode on the STM32F0xx products differs from STM32F1xx
product family. Instead of using two pins for the boot mode setting, STM32F0xx products
use BOOT0 pin and retrieve the nBOOT1 value from an option bit located in the User option
bytes at 0x1FFFF800 memory address.
On the STM32F04x and STM32F09x devices the BOOT0 pin can be replaced by nBOOT0
bit using the BOOT_SEL bit in the User option bytes. This provides the ability to use PF11
GPIO on the device.
Table 6 summarizes the different configurations available for the Boot mode selection.
Note:
The BOOTx value is the opposite of the nBOOTx option bit, where x stands for 1 and 2.
Table 6. Boot modes(1)
1. Gray options are available on STM32F04x and STM32F09x devices only.
Boot mode configuration
Mode
n BOOT1
bit
BOOT0
pin
BOOT_SEL
bit
nBOOT0
bit
x
0
1
x
Main Flash memory is selected as boot space
1
1
1
x
System memory is selected as boot space
0
1
1
x
Embedded SRAM is selected as boot space
x
x
0
1
Main Flash memory is selected as boot space
1
x
0
0
System memory is selected as boot space
0
x
0
0
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com