Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4088 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 8Page - STMicroelectronics AN4088 Datasheet HTML 9Page - STMicroelectronics AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics AN4088 Datasheet HTML 12Page - STMicroelectronics AN4088 Datasheet HTML 13Page - STMicroelectronics AN4088 Datasheet HTML 14Page - STMicroelectronics AN4088 Datasheet HTML 15Page - STMicroelectronics AN4088 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Peripheral migration
AN4088
12/71
DocID023072 Rev 3
3.3
Memory mapping
The peripheral address mapping has been changed in the STM32F0 series versus
STM32F1 series. The main change concerns the GPIOs which have been moved from the
APB bus to the AHB bus to allow them to operate at the maximum speed.
Table 8 provides the peripheral address mapping correspondence between STM32F0 and
STM32F1 series.
Table 8. IP bus mapping differences between STM32F0 and STM32F1 series(1)
Peripheral
STM32F0 series
STM32F1 series
Bus
Base address
Bus
Base address
TSC
AHB1
0x40024000
NA
NA
CRC
0x40023000
AHB
0x40023000
FLITF
0x40022000
0x40022000
RCC
0x40021000
0x40021000
DMA1/DMA
0x40020000
0x40020000
GPIOG
NA
NA
APB2
0x40012000
GPIOF
AHB2
0x48001400
0x40011C00
GPIOE
0x4800 1000
0x40011800
GPIOD
0x48000C00
0x40011400
GPIOC
0x48000800
0x40011000
GPIOB
0x48000400
0x40010C00
GPIOA
0x48000000
0x40010800
DBGMCU
APB2
0x40015800
NA
NA
TIM17
0x40014800
NA
NA
TIM16
0x40014400
NA
NA
TIM15
0x40014000
NA
NA
USART1
0x40013800
APB2
0x40013800
SPI1 / I2S1
0x40013000
0x40013000
TIM1
0x40012C00
0x40012C00
ADC / ADC1
0x40012400
0x40012400
EXTI
APB2 (through
SYSCFG)
0x40010400
0x40010400
SYSCFG + COMP
APB2
0x40010000
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com