| Electronic Components Datasheet Search |
|
AN4088 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 71 page ![]() Peripheral migration AN4088 28/71 DocID023072 Rev 3 3.7 GPIO interface The STM32F0 GPIO peripheral embeds new features compared to STM32F1 series, below the main features: GPIO mapped on AHB bus for better performance I/O pin multiplexer and mapping: pins are connected to on-chip peripherals/modules through a multiplexer that allows only one peripheral alternate function (AF) connected to an I/O pin at a time. In this way, there can be no conflict between peripherals sharing the same I/O pin. More possibilities and features for I/O configuration The STM32F0 GPIO peripheral is a new design and thus the architecture, features and registers are different from the GPIO peripheral in the STM32F1 series. Any code written for the STM32F1 series using the GPIO needs to be rewritten to run on STM32F0 series. For more information about STM32F0 GPIO programming and usage, please refer to the “I/O pin multiplexer and mapping” section in the GPIO chapter of the STM32F0xx Reference Manual (RM0091). The table below presents the differences between GPIOs in the STM32F1 series and STM32F0 series. 57 DMA2_Channel2 NA 58 DMA2_Channel3 NA 59 DMA2_Channel4 / DMA2_Channel4_5 NA 60 DMA2_Channel5 NA 61 ETH NA 62 ETH_WKUP NA 63 CAN2_TX NA 64 CAN2_RX0 NA 65 CAN2_RX1 NA 66 CAN2_SCE NA 67 OTG_FS NA 1. NA in gray table cells means Not Applicable. Table 15. Interrupt vector differences between STM32F1 series and STM32F0 series(1) (continued) Position STM32F1 series STM32F0 series |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |