Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4088 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 33Page - STMicroelectronics AN4088 Datasheet HTML 34Page - STMicroelectronics AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics AN4088 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
DocID023072 Rev 3
37/71
AN4088
Peripheral migration
70
The STM32F0 USART provides best-in-class added features:
A choice of independent clock sources allowing
–
UART functionality and wake-up from low power modes,
–
convenient baud-rate programming independently of the APB clock
reprogramming.
Smartcard emulation capability: T=0 with auto retry and T=1
Swappable Tx/Rx pin configuration
Binary data inversion
Tx/Rx pin active level inversion
Transmit/receive enable acknowledge flags
New Interrupt sources with flags:
–
Address/character match
–
Block length detection and timeout detection
Timeout feature
Modbus communication
Overrun flag disable
DMA disable on reception error
Wake-up from STOP mode
Auto baud rate detection capability
Driver Enable signal (DE) for RS485 mode
For more information about STM32F0 USART features, please refer to USART chapter of
STM32F0xx Reference Manual (RM0091).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com