Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4088 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 7Page - STMicroelectronics AN4088 Datasheet HTML 8Page - STMicroelectronics AN4088 Datasheet HTML 9Page - STMicroelectronics AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics AN4088 Datasheet HTML 12Page - STMicroelectronics AN4088 Datasheet HTML 13Page - STMicroelectronics AN4088 Datasheet HTML 14Page - STMicroelectronics AN4088 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
DocID023072 Rev 3
11/71
AN4088
Peripheral migration
70
3.2
System architecture
The STM32F0xx MCU family has been designed to target an entry-level market, with low-
power capabilities and easy handling. In order to fulfill this aim while keeping the advanced
high-end features proper to the STM32, the core has been changed for a ARM® Cortex®-
M0. Its small silicon area, coupled to a minimal code footprint, allows for low-cost
applications with 32-bit performance. Figure 1 shows the correspondence between the
Cortex®-M3 and Cortex®-M0 sets of instructions. Moving from STM32F1 to STM32F0
series requires a recompilation of the code to avoid the use of unavailable features.
Figure 1. System architecture
Important modifications have been performed on the MCU organization too, starting by
switching from a Harvard to Von Neumann architecture, decreasing the system complexity,
or focusing on SW Debug in order to simplify this precise feature.
SYSCFG
NA
Yes
New peripheral
NA
NA
Ethernet
Yes
NA
NA
NA
NA
SDIO
Yes
NA
NA
NA
NA
FSMC
Yes
NA
NA
NA
NA
1. Yes++ = New feature or new architecture,
Yes+ = Same feature, but specification change or enhancement,
Yes = Feature available,
NA = Feature not available
Table 7. STM32 peripheral compatibility analysis, STM32F1 versus STM32F0 series(1) (continued)
Peripheral
STM32F1 STM32F0
Compatibility
Features
Pinout
Firmware driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com