Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 3Page - Linear Technology LTC1153_15 Datasheet HTML 4Page - Linear Technology LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1153
TEST CIRCUITS
TI I G DIAGRA
LTC1153 OPERATIO
The LTC1153 is an electronic circuit breaker with built-in
MOSFET gate charge pump, over-current detection and
auto-reset circuitry. The LTC1153 consists of the follow-
ing functional blocks:
TTL and CMOS Compatible Inputs
The LTC1153 input and shutdown input have been de-
signed to accommodate a wide range of logic families.
Both input thresholds are set at about 1.3V with approxi-
mately 100mV of hysteresis.
A low standby current voltage regulator provides continu-
ous bias for the TTL-to-CMOS converter. The TTL-to-
CMOS converter output enables the rest of the circuitry. In
this way the power consumption is kept to a minimum in
the standby mode.
Auto-Reset Timer
An external timing capacitor, CT, is ramped up by a small
current whenever a fault is detected, i.e., the switch
latched off. When the timing capacitor ramps up to ap-
proximately 2.5V, the switch is turned back on and the
timing capacitor discharged. If the circuit breaker output
is still in an overload state, the breaker will latch off and this
cycle will continue until the fault condition is removed.
Internal Voltage Regulation
The output of the TTL-to-CMOS converter drives two
regulated supplies which power the low voltage CMOS
logic and analog blocks. The regulator outputs are isolated
from each other so that the noise generated by the charge
pump logic is not coupled into the 100mV reference or the
analog comparator.
Gate Charge Pump
Gate drive for the MOSFET switch is produced by an
adaptive charge pump circuit which generates a gate
voltage substantially higher than the power supply volt-
age. The charge pump capacitors are included on-chip and
therefore no external components are required to generate
the gate drive.
Drain Current Sense
The LTC1153 is configured to sense the current flowing
into the drain of an N-channel MOSFET switch. An internal
100mV reference is compared to the drop across a sense
resistor (typically 0.002
Ω to 0.10Ω) in series with the
drain lead. If the drop across this resistor exceeds the
internal 100mV threshold, the input latch is reset and the
gate is quickly discharged via a relatively large N-channel
transistor.
OVER-CURRENT
(AUTO-CURRENT)
NORMAL
OFF
NOR-
MAL
SHUT-
DOWN
OFF
*90ms
*200
µs
S1 CLOSED
S1 OPEN
*TIMES FOR COMPONENTS SHOWN IN TEST CIRCUIT
LTC1153 • TD01
INPUT
OUTPUT
STATUS
TIMING
CAP
SHUT-
DOWN
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
SHUTDOWN
8
7
6
5
1
2
3
4
RSEN
0.05
Ω
IRLZ24
OUTPUT
S1
1
Ω
10
Ω
CP
0.01
µF
RD100k
0.1
µF
Z5U
51k
STATUS
INPUT
5V
LTC1153 • TC01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com