Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 3 Page - Linear Technology

  LTC1153_15 Datasheet HTML 1Page - Linear Technology LTC1153_15 Datasheet HTML 2Page - Linear Technology LTC1153_15 Datasheet HTML 3Page - Linear Technology LTC1153_15 Datasheet HTML 4Page - Linear Technology LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1153
LTC1153C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VGATE – VS Gate Voltage Above Supply
VS = 5V
q
6.0
7.0
9.0
V
VS = 6V
q
7.5
8.3
15.0
V
VS = 12V
q
15.0
18.0
25.0
V
VSTAT
Status Output Low Voltage
ISTAT = 400µA
q
0.05
0.4
V
ISTAT
Status Output Leakage Current
VSTAT = 12V
q
1
µA
tON
Turn-ON Time
VS = 5V, CGATE = 1000pF
Time for VGATE > VS + 2V
30
110
300
µs
Time for VGATE > VS + 5V
100
450
1000
µs
VS = 12V, CGATE = 1000pF
Time for VGATE > VS + 5V
20
80
200
µs
Time for VGATE > VS + 10V
50
160
500
µs
tOFF
Turn-OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
10
36
60
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
10
28
60
µs
tTD
Minimum Trip Delay
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
5
25
40
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
5
23
40
µs
tSD
Shutdown Turn-OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
17
40
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
13
35
µs
ELECTRICAL CHARACTERISTICS V
S = 4.5V to 18V, TA = 25°C, CT = 0.1µF, VSD = 0V unless otherwise noted.
The q denotes specifications which apply over the operating temperature range.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1153 • TPC01
10
40
45
30
10
20
VIN = 0V
TA = 25°C
Standby Supply Current
Supply Current ON
SUPPLY VOLTAGE (V)
0
4
6
10
12
14
24
18
5
10
LTC1153 • TPC03
8
20
22
16
15
20
MOSFET Switch Gate Voltage
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
LTC1153 • TPC02
200
800
900
600
15
20
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com