Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 2Page - Linear Technology LTC1153_15 Datasheet HTML 3Page - Linear Technology LTC1153_15 Datasheet HTML 4Page - Linear Technology LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1153
PI FU CTIO S
Drain Sense Pin
The drain sense pin is compared against the supply pin
voltage. If the voltage at this pin is more than 100mV
below the supply pin, the input latch will trip and the
MOSFET switch will be turned off.
This pin is also a high impedance CMOS gate with ESD
protection and therefore should not be forced beyond the
power supply rails.
Some loads, such as large supply capacitor, lamps, or
motors require high inrush currents. An RC time is added
between the sense resistor and the drain sense pin to
ensure that the drain sense circuitry does not false trigger
during start-up. This trip delay can be set from a few
microseconds to many seconds. However, very long de-
lays may put the MOSFET switch in risk of being destroyed
by a short-circuit condition. (see Applications Information
Section).
Status Pin
The status pin is an open-drain output which is driven low
whenever the breaker is tripped. A 51k pull-up resistor
should be connected between this output and a logic
supply. The status pins of multiple LTC1153s can be OR’d
together if independent fault sensing is not required. No
connection is required to this pin when not in use.
I
DAGRA
BLOCK
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
SHUTDOWN
TTL-TO-CMOS
CONVERTER
OSCILLATOR
AND CHARGE
PUMP
FAST/SLOW
GATE CHARGE
LOGIC
FAULT DETECTION
AND STATUS
OUTPUT DRIVER
100mV
REFERENCE
COMP
ANALOG SECTION
INPUT
LATCH
R
S
GATE
SHUTDOWN
DRAIN
SENSE
ONE
SHOT
TTL-TO-CMOS
CONVERTER
VOLTAGE
REGULATORS
ANALOG
DIGITAL
GND
LOW STANDBY
CURRENT
REGULATOR
AUTO-RESET
TIMER
INPUT
TIMER
CAP
STATUS
VS
10
µs
DELAY
LTC1153 • BD01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com