Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology LTC1153_15 Datasheet HTML 13Page - Linear Technology LTC1153_15 Datasheet HTML 14Page - Linear Technology LTC1153_15 Datasheet HTML 15Page - Linear Technology LTC1153_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1153
S
APPLICATI
TYPICAL
12V Lamp Driver/Circuit Breaker
with Auto-Reset
Relay Driver with Over-Current Protection
and Status Feedback
Logic Controlled Battery Switch with Reverse Battery Protection,
Ramped Turn-On and 10
µA Standby Current
SCSI Termination Power 1A Circuit Breaker with
Auto-Reset and Ramped Turn-On
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.33
µF
+
470
µF
IRFZ34
12V
12V
0.02
Ω
LTC1153 • TA07
10k
1M
0.1
µF
VN2222LL
100k
12V/2A
BULB
5V
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
1
µF
MTD3055E
15V
12V
LTC1153 • TA08
5V
0.01
µF
+
100
µF
10k
1N4148
1N4001
2
Ω
0.02
Ω
TO 12V
LOAD
COIL CURRENT LIMITED TO 350mA
CONTACT CURRENT LIMITED TO 5A
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
LTC1153 • TA10
51k
ON/OFF
STATUS
Si9956DY
1N4148
100k
100k
0.22
µF
+
47
µF/16V
SWITCHED
BATTERY
4 TO 6
CELLS
0.05
Ω
+
300
Ω
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
Z5U
5V
LTC1153 • TA09
51k
0.1
µF
+
100
µF
47
µF
ON/OFF
STATUS
+
10k
1N4148
MTD3055EL
1N4148
100k
100k
0.22
µF
1N5817
+
10
µF
4.25V/1A
20
Ω
0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com