Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1153 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1153_15 Datasheet HTML 4Page - Linear Technology LTC1153_15 Datasheet HTML 5Page - Linear Technology LTC1153_15 Datasheet HTML 6Page - Linear Technology LTC1153_15 Datasheet HTML 7Page - Linear Technology LTC1153_15 Datasheet HTML 8Page - Linear Technology LTC1153_15 Datasheet HTML 9Page - Linear Technology LTC1153_15 Datasheet HTML 10Page - Linear Technology LTC1153_15 Datasheet HTML 11Page - Linear Technology LTC1153_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1153
LTC1153 OPERATIO
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is
charged by the internal charge pump and discharged in a
controlled manner. The charge and discharge rates have
been set to minimize RFI and EMI emissions in normal
operation. If a short-circuit or current overload condition
is encountered, the gate is discharged very quickly (typi-
cally a few microseconds) by a large N-channel transistor.
Status Output Driver
The status circuitry continuously monitors the input and
the gate charge control logic. The open-drain output is
driven low when the input is turned ON and the breaker is
latched off. The status circuitry is reset along with the input
latch when the auto-reset circuitry retries the breaker or
the input is cycled low.
Figure 1. Protecting Resistive Loads
Figure 2. Protecting Inductive Loads
Large inductive loads (>0.1mH) may require diodes con-
nected directly across the inductor to safely divert the
stored energy to ground. Many inductive loads have these
diodes included. If not, a diode of the proper current rating
MOSFET and Load Protection
The LTC1153 protects the power MOSFET switch by
removing drive from the gate as soon as an over-current
condition is detected and breaking the circuit to the load.
Resistive and inductive loads can be protected with no
external time delay in series with the drain sense pin. High
inrush current loads, however, require that the trip delay
time be set long enough to start the load but short enough
to ensure the safety of the MOSFET.
Resistive Loads
Loads that are primarily resistive should be protected with
as short a delay as possible to minimize the amount of time
that the MOSFET switch or the load is subjected to an
overload condition. The drain sense circuitry has a built-
in trip delay of approximately 10
µs to eliminate false
triggering by power supply or load transient conditions.
This delay is sufficient to “mask” short load current
transients and the starting of a small capacitor (<1
µF) in
parallel with the load. The drain sense pin can therefore be
connected directly to the drain current sense resistor as
shown in Figure 1.
Inductive Loads
Loads that are primarily inductive, such as relays, sole-
noids and stepper motor windings should be protected
with as short a delay as possible to minimize the amount
of time that the MOSFET is subjected to an overload
condition. The built-in 10
µs trip delay will ensure that the
breaker is not false-tripped by a supply or load transient.
No external delay components are required as shown in
Figure 2.
S
APPLICATI
I FOR ATIO
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.22
µF
+
100
µF
IRFZ24
15V
RLOAD
12
Ω
12V
CLOAD ≤ 1µF
0.036
Ω
LTC1153 • F01
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
CT
0.22
µF
+
100
µF
IRFZ24
15V
12V, 1A
SOLENOID
12V
1N5400
0.036
Ω
LTC1153 • F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com