Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4142 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 2Page - STMicroelectronics AN4142 Datasheet HTML 3Page - STMicroelectronics AN4142 Datasheet HTML 4Page - STMicroelectronics AN4142 Datasheet HTML 5Page - STMicroelectronics AN4142 Datasheet HTML 6Page - STMicroelectronics AN4142 Datasheet HTML 7Page - STMicroelectronics AN4142 Datasheet HTML 8Page - STMicroelectronics AN4142 Datasheet HTML 9Page - STMicroelectronics AN4142 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
2
Embedded memory
This section describes the embedded memory peripherals (FLASH, MEM) bits and registers migration from revision 13 to revision
14 of the STM32W108xx datasheet.
2.1
Flash memory
The Flash memory interface is the same IP on STM32F microcontrollers families, so almost all of the bits and registers are already
aligned with the standard naming except for the FLASH control registers (FPEC_CLK_REQ and FPEC_CLK_STAT registers).
2.1.1
STM32W108xx FLASH bit and register overview
Table 3 gives the list of the changes (renaming) made in the FLASH bits and registers.
Table 3.
FLASH memory bits and registers overview
STM32W108xx FLASH bits/registers naming overview
FLASH_
ACR
Reserved
PRFTBS
PRFTBE
HLFCYA
LATENCY
FLASH_
ACR
Reserved
PRFTBS
PRFTBE
HLFCYA
LATENCY
FLASH_
KEYR
FKEYR[31:16]
FKEYR[15:0]
FLASH_
KEYR
FKEYR[31:16]
FKEYR[15:0]
FLASH_
OPTKEYR
OPTKEYR[31:16]
OPTKEYR[15:0]
FLASH_
OPTKEYR
OPTKEYR[31:16]
OPTKEYR[15:0]
FLASH_SR
Reserved
EOP
WRPRTERR
Res.
PGERR
Res.
BSY
FLASH_SR
Reserved
EOP
WRPRTERR
Res.
PGERR
Res.
BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com