Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4142 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 4Page - STMicroelectronics AN4142 Datasheet HTML 5Page - STMicroelectronics AN4142 Datasheet HTML 6Page - STMicroelectronics AN4142 Datasheet HTML 7Page - STMicroelectronics AN4142 Datasheet HTML 8Page - STMicroelectronics AN4142 Datasheet HTML 9Page - STMicroelectronics AN4142 Datasheet HTML 10Page - STMicroelectronics AN4142 Datasheet HTML 11Page - STMicroelectronics AN4142 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
2.2
Memory controller
The memory controller is a set of registers to control the RAM and DMA memories, these registers are required for low power
mode, however before entering in low power modes the user needs to save the context for all the memory controller registers and
restore these configurations after the wake up from the low power modes. In revision 13 of the datasheet, the memory controller is
not documented.
2.2.1
STM32W108xx MEM bits and registers overview
Table 4 gives the memory controller bits and registers naming.
Table 4.
Memory controller bits and registers overview
Register
STM32W108xx MEM Controller bits/registers naming overview
0x5000
RAM_PROTR1
[31:0]
0x5004
RAM_PROTR2
[31:0]
0x5008
RAM_PROTR3
[31:0]
0x500C
RAM_PROTR4
[31:0]
0x5010
RAM_PROTR5
[31:0]
0x5014
RAM_PROTR6
[31:0]
0x5018
RAM_PROTR7
[31:0]
0x501C
RAM_PROTR8
[31:0]
0x5020
DMA_PROTR1
OFFSET
ADDRESS
0x5024
DMA_PROTR2
Reserved
CHANNEL
0x5028
RAM_CR
Reserved
WEN
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com