Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4142 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4142
Description  STM32W108xx datasheet bit and register naming migration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4142 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4142 Datasheet HTML 8Page - STMicroelectronics AN4142 Datasheet HTML 9Page - STMicroelectronics AN4142 Datasheet HTML 10Page - STMicroelectronics AN4142 Datasheet HTML 11Page - STMicroelectronics AN4142 Datasheet HTML 12Page - STMicroelectronics AN4142 Datasheet HTML 13Page - STMicroelectronics AN4142 Datasheet HTML 14Page - STMicroelectronics AN4142 Datasheet HTML 15Page - STMicroelectronics AN4142 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
3.3
System timers
This sub-section describes the System Timers peripherals (WDG, SLPTMR, MACTMR) bits and registers migration from revision
13 to revision 14 of the STM32W108xx datasheet.
3.3.1
STM32W108xx watchdog timer overview
There are no major updates on the WDG IP. The only updates are related to the bit and register naming.Table 7 gives the list of the
changes made in the WDG bits and registers naming.
3.3.2
STM32W108xx Sleep timer Overview
The sleep Timer IP has two levels of changes: the first one is related to the IP structure and to the low power modes requirement
and the second one is related to the bits and registers naming.
●
The sleep timer force register SLPTMR_IFR is required in low power modes: if the dedicated sleep timer interrupt (WRAP,
CMPA or CMPB) is enabled and configured as wake event, in this case the interrupt will not be generated when the CPU
Table 7.
WDG bits and registers overview
Offset
Register
STM32W108xx WDG bits/registers naming overview
0x6000
WDOG_CFG
Reserved
WDOG_DIS
WDOG_EN
WDG_CR
Reserved
WDGDIS
WDGEN
0x6004
WDOG_CTRL
Reserved
WDOG_CTRL
WDG_KR
Reserved
KEY[15:0]
0x6008
WDOG_RESTART
Reserved
WDOG_RESTART
WDG_KICKSR
Reserved
KS[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com