Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4365 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 2Page - STMicroelectronics AN4365 Datasheet HTML 3Page - STMicroelectronics AN4365 Datasheet HTML 4Page - STMicroelectronics AN4365 Datasheet HTML 5Page - STMicroelectronics AN4365 Datasheet HTML 6Page - STMicroelectronics AN4365 Datasheet HTML 7Page - STMicroelectronics AN4365 Datasheet HTML 8Page - STMicroelectronics AN4365 Datasheet HTML 9Page - STMicroelectronics AN4365 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
STM32F4 power consumption
AN4365
6/35
DocID025303 Rev 2
1
STM32F4 power consumption
Embedded system designers are currently facing an urgent need to make a trade-off
between power efficiency and high performance, especially with recent high-performance
microcontrollers such as the STM32F4 series. Low-power modes are implemented with
other features to reduce the average current consumption over the life of the application.
This part aims to describe the STM32F4 power modes and the power consumption of each
mode, and highlights the features that contribute in power consumption reduction.
1.1
Power modes
In the high-performance STM32F4 series based on the ARM® Cortex™-M4 32-bit/DSP
processor cores, designers at STMicroelectronics have highly optimized low-power modes
to define the best compromise between low-power consumption, short startup time and
available wake-up sources.
In this part, we give an overview of the STM32F4 power mode consumptions.
1.1.1
Low-power mode overview
By default, and after power-on or a system reset, the STM32F4 is in Run mode, which is a
fully active mode that consumes much power even when performing minor tasks. Low-
power modes are available to save power when the CPU does not need to be kept running.
It is up to the user to switch between power modes during application processing in order to
reduce the overall average consumption by keeping the device as much as possible in low-
power modes, as described in Figure 1. The user should just select each time the low-power
mode with features that fit his design requirements.
Figure 1. Power mode switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com