Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4365 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 4Page - STMicroelectronics AN4365 Datasheet HTML 5Page - STMicroelectronics AN4365 Datasheet HTML 6Page - STMicroelectronics AN4365 Datasheet HTML 7Page - STMicroelectronics AN4365 Datasheet HTML 8Page - STMicroelectronics AN4365 Datasheet HTML 9Page - STMicroelectronics AN4365 Datasheet HTML 10Page - STMicroelectronics AN4365 Datasheet HTML 11Page - STMicroelectronics AN4365 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
STM32F4 power consumption
AN4365
8/35
DocID025303 Rev 2
1.1.2
Power mode power consumptions
Figure 2 summarizes the power consumption of the various power modes of each STM32F4
device.
Figure 2. Current consumption of STM32F4 MCU power modes
Consumptions of both the Run and the Sleep modes depend on the operating frequency.
That is why we find that the dynamic Run mode consumption is presented in Figure 2 by the
ratio µA/MHz at the maximum frequency of each device and when all peripherals are
disabled.
For Run mode, the values are measured when the CoreMark benchmark is executed from
Flash.
The lowest power drain is achieved when both Standby mode and VBAT mode are used. The
Standby mode current is by 2 or 3 µA for all STM32F4 MCUs. The VBAT mode current is less
than 1 µA, dedicated to battery use.
The use of these low-power modes is reinforced by the implementation of various power-
saving features in order to reach a highly optimized consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com