Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4365 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics AN4365 Datasheet HTML 23Page - STMicroelectronics AN4365 Datasheet HTML 24Page - STMicroelectronics AN4365 Datasheet HTML 25Page - STMicroelectronics AN4365 Datasheet HTML 26Page - STMicroelectronics AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
STM32F4 low-power application case
AN4365
24/35
DocID025303 Rev 2
3
STM32F4 low-power application case
Sensors are a fundamental part of the human/machine interface. This part of the application
note provides an example of a sensor hub based on STM32F4 devices and focuses on the
low-power modes used to reduce the consumption of this application.
The figure below describes a complete sensor hub example, from which we built the
simplified application described in the next section.
Figure 11. STM32F4 sensor hub example
The next parts of this application note describe the following main items:
•
Application case overview
•
Software and hardware environment
•
Current consumption measurement
3.1
Application overview
This application consists of a communication between a sensor hub and a sensor based on
two STM32F4 devices. One device is configured as master (sensor hub) and the other as
slave (sensor).
The main features of the application are:
•
ADC with 1024 VBAT voltage samples
•
Low-power techniques described in the first chapter
•
Sensor hub FFT samples transformation with maximum device frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com