Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4365 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 8Page - STMicroelectronics AN4365 Datasheet HTML 9Page - STMicroelectronics AN4365 Datasheet HTML 10Page - STMicroelectronics AN4365 Datasheet HTML 11Page - STMicroelectronics AN4365 Datasheet HTML 12Page - STMicroelectronics AN4365 Datasheet HTML 13Page - STMicroelectronics AN4365 Datasheet HTML 14Page - STMicroelectronics AN4365 Datasheet HTML 15Page - STMicroelectronics AN4365 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
STM32F4 current consumption measuring
AN4365
12/35
DocID025303 Rev 2
2
STM32F4 current consumption measuring
Many users need to know the best configuration that will let them reproduce the datasheet’s
current consumption values. In this part, we give a firmware that provides the ideal
configurations for the power modes and let measure the power modes’ current consumption
for different STM32F4 devices.
2.1
Current consumption measuring firmware
This section gives details on the firmware, hardware, software/tools environment used to
measure the current consumption of different power modes.
2.1.1
Current consumption application description
The STM32F4’s current consumption firmware supports all STM32F4 devices:
STM32F429x/439x,STM32F40x/41x and STM32F401x.
This firmware aims to let the user measure the dynamic and static current consumption of
different power modes using his own discovery board of each STM32F4’s device. The user
can perform measurements while changing some parameters.
The approach consists in building a kind of power mode switching menu which would let the
user switch from one power mode to another using the button and following dedicated LED
signals available on the STM32F4 discovery boards.
This measuring application can be used directly to perform and measure all power modes
available in each device. On the other hand, the user has the ability to customize the
firmware by selecting only the power modes and sub-modes that require measuring. Some
parameters can be changed to perform measurements with all the possible configurations of
the power modes.
Using the switching menu consists in following the steps below, as described in Figure 3:
•
After power-on, the green and red LEDs light up, and remain lit until the user presses
the button to enter the first selected mode/sub-mode.
•
Once the button is pressed, the LEDs blinking routine starts to indicate which power
mode/sub-mode will be entered: first, the red LED blinks a number of times that
indicate the power mode that will be entered. After that, the green LED begins blinking
a number of times that indicates the sub-mode that will be entered.
•
Once the LEDs are switched off, the device enters the selected power mode to let the
user measure the current. For Run mode, the device executes the CoreMark
benchmark, and when it finishes after at least 10 s, both LEDs are turned on. For
Sleep, Stop and Standby modes, the device just remains at these low-power modes,
waiting to wake-up when the button is pushed. After wake-up, the LEDs light up,
waiting again for the user to press the button to switch to the next mode/sub-mode.
•
After exiting the power mode/sub-mode, the green and red LEDs light up again, waiting
for the user to press the button to switch to the next mode/sub-mode and begin a new
power mode measurement. The last mode is Standby mode, and once the user pushes
the wake-up button, a reset is generated to start from the beginning.
Note:
For more details about the LED blinking number of each mode and sub-mode, you should
refer to tables in the “readme.txt” file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com