Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4365 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 16Page - STMicroelectronics AN4365 Datasheet HTML 17Page - STMicroelectronics AN4365 Datasheet HTML 18Page - STMicroelectronics AN4365 Datasheet HTML 19Page - STMicroelectronics AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics AN4365 Datasheet HTML 23Page - STMicroelectronics AN4365 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
STM32F4 current consumption measuring
AN4365
20/35
DocID025303 Rev 2
•
Define ART accelerator configuration
We can enable the full ART with both data/instruction caches and prefetch buffer by
uncommenting both corresponding macros. We can enable the ART except prefetch by
commenting the prefetch macro. See the example below.
/* Enable ART */
#define ART_Enable
/* Enable prefetch when ART is enabled */
// #define Prefetch_Enable
•
Define the voltage supply value
The voltage supply used in the discovery kit while measuring should be specified by
uncommenting either the 3.3 V macro or the 1.8 V macro, like in the example below.
/* Define the Power supply value */
/* Vdd = 3,3 V */
#define VDD3_3
* Vdd = 1,8 V */
//#define VDD1_8
2.2
Current consumption measuring
This section describes the applicable software and hardware environment set-up.
2.2.1
Hardware/software environment description
To start measuring on your STM32F4’s discovery board, the minimum requirements are as
follows:
•
One of STM32F4’s discovery boards: STM32F401C-DISCO MB1115B /
STM32F4DISCOVERY MB997C / STM32F429I-DISCO MB1075B
•
“USB type A to Mini-B” cable, to power the board (through USB connector CN1) from a
host PC and to connect to the embedded ST-LINK/V2 for debugging and programming
•
An ammeter
•
A power supply
Before you start measurements, you should establish the connection with the STM32F4
discovery board as shown in Figure 9 by proceeding as follows:
•
Connect the supply voltage cables to the dedicated external supply input pins (GND pin
for the ground, and 3 V pin for the 3.3 V or 1.8 V). LED LD2 (PWR) will light up.
•
Remove the Idd jumper of the discovery board dedicated to current consumption
measurement (JP1 for STM32F40x/41x, JP2 for STM32F401x and JP3 for
STM32F429/439x) and connect the ammeter cables. Ensure that the ammeter is set to
the mA scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com