Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4538 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 2Page - STMicroelectronics AN4538 Datasheet HTML 3Page - STMicroelectronics AN4538 Datasheet HTML 4Page - STMicroelectronics AN4538 Datasheet HTML 5Page - STMicroelectronics AN4538 Datasheet HTML 6Page - STMicroelectronics AN4538 Datasheet HTML 7Page - STMicroelectronics AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STM32F3xx microcontroller low-power overview
AN4538
6/25
DocID026505 Rev 1
STM32F3xx microcontrollers, with embedded voltage regulator, require a 2.0 V - 3.6 V
operating supply voltage (VDD) and a 2.0 V - 3.6 V analog supply voltage (VDDA).
1.1.2
STM32F3x8xx device power supply
These devices do not contain a voltage regulator. VDD directly supplies the regulator output
as described in Figure 2.
Figure 2. Power supply overview in STM32F3x8xx devices
The STM32F3xx microcontrollers require a 1.8 V +/- 8% operating voltage supply (VDD) and
1.65 V - 3.6 V analog voltage supply (VDDA). Standby mode is not supported.
1.1.3
Power supply summary
In both power supply architectures, the real-time clock (RTC) and the backup registers can
be powered from the VBAT voltage when the main VDD supply is off.
Table 2 summarizes the power supply ranges in both architectures and gives supply
conditions to be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com